Part Number Hot Search : 
FFPF60 C34063 DLR5736 BUT11AF RFU5TF6S RFU5TF6S 6CWF20F AP9435K
Product Description
Full Text Search
 

To Download 6A80G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  - 542 - 6a05g thru 6a100g 6.0 amps. glass passivated rectifiers voltage range 50 to 1000 volts current 6.0 amperes f eatures  low forward voltage drop  high current capability  high reliability  high surge current capability m echanical data  cases: molded plastic  epoxy: ul 94v-0 rate flame retardant  lead: axial leads, solderable per mil-std- 202, method 208 guaranteed  polarity: color band denotes cathode end  high temperature so ldering guaranteed: 260 /10 seconds/.375?,(9 .5mm) lead lengths at 5 lbs.,(2.3kg) tension  weight: 1.65 grams r-6 dimensions in inches and (millimeters) m aximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz , resistive or inductive load. for capacitive load, derate current by 20% type number symbol 6a 05g 6a 10g 6a 20g 6a 40g 6a 60g 6a 80g 6a 100g uni ts maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward rectified current .375?(9.5mm) lead length @t a = 50 i (av) 6.0 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method ) i fsm 250 a maximum instantaneous forward voltage @6.0a v f 1.1 1.0 v maximum dc reverse current @ t a =25 at rated dc blocking voltage @ t a =125 i r 10 100 ua ua typical junction capacitance ( note 1) cj 60 pf typical thermal resistance (note 2) r ja 35 o c/w operating and storage temperature range t j ,t stg - 65 to + 150 notes: 1. measured at 1 mhz and ap plied reverse voltage of 4.0 volts d.c. 2. mount on cu-pad size 16mm x 16mm on p.c.b.
- 543 - ratings and characteristic curves (6a05g thru 6a100g) fig.3- typical forward characteristics instantaneous for ward current . (a) 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 0.01 0.1 1 10 100 forward voltage. (v) fig.1- maximum forward current derating curve average for ward current amperes 20 0 40 60 80 100 120 140 180 200 160 2 3 1 4 6 5 ambient temperature. ( c) o single phasehalf wave 60hz resistive of inductive load ground plane 1" x 1" copper surface area pc board recommanded pc board mounting pc board standard pc board mounting fig.4- typical junction capacitance junction cap acitance.(pf) 11050 100 10 100 1000 reverse voltage. (v) tj=25 c o fig.2-maxium non-repetitive forward surge current peak for ward surge current .(a) 50 1 5 10 50 100 150 100 200 250 300 number of cycles at 60hz tj=25 c o 0 6.5 0 6a10g-6a100g 6a05g


▲Up To Search▲   

 
Price & Availability of 6A80G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X